PART |
Description |
Maker |
LS6526 LS6525 |
BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
|
LSI Computer Systems
|
HDEM00250 HDEM00350 HDEM00384 HDEM00450 HDEM00484 |
7/8, receptacle, with wires, frontal assembling
|
SHIELD s.r.l.
|
ZL50130 ZL50130PBGA |
Ethernet Pseudo-Wires across a PSN
|
ZARLINK[Zarlink Semiconductor Inc]
|
REEM00300 REEM00400 REEM00500 REEF00400 REEF00300 |
M8, receptacle, with wires, frontal assembling
|
SHIELD s.r.l.
|
SS-741010C5-RN-NF |
HIGH PERFORMANCE UNSHIELDED LED JACK WITH FORWARD FACING WIRES IN POSITIONS 4 & 6 (-RN) DESIGNATES LED COLOR 10 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, JACK HIGH PERFORMANCE UNSHIELDED LED JACK WITH FORWARD FACING WIRES IN POSITIONS 4 & 6 (-RN) DESIGNATES LED COLOR
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
ISO1003-XX-X |
Two Wires 4-20mA Isolated Signal Transmitter
|
YUAN
|
2880192 |
Protection of all eight signal wires of the data cable
|
PHOENIX CONTACT
|
MPC3XXWX |
STD METAL PANEL MOUNT INDICATORS W/ WIRES
|
List of Unclassifed Manufacturers
|
RDSM00300 RDSM00500 RDSF00400 RDSF01200 RDSM012C1 |
M12 coding A, receptacle, with wires, back assembling
|
SHIELD s.r.l.
|
CA82C37A-8ED CA82C37A-5ED CA82C37A-10CD CA82C37A-1 |
/- 15 kV ESD protected 5 V RS-232 transceiver 3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver DMA Controller 5 V powered multi-channel RS-232 drivers and receivers DMA控制
|
Linear Technology, Corp.
|
ST3485EC ST3485EB ST3485ECN ST3485E ST3485EBD ST34 |
3.3V POWERED, 15KV ESD PROTECTED, TRANSMIT ANT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V POWERED, 15KV ESD PROTECTED, TRANSMIT ANT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V供电5KV静电保护,TRASMIT高达12Mbps的真RS-485/RS-422收发 Stratix FPGA 40K FBGA-1508 3.3V供电15KV静电保护。发送蚂蚁可2Mbps真RS-485/RS-422收发
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V.
|